PART |
Description |
Maker |
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
2N6576 |
15 AMPERE NPN DARLINGTON POWER TRAN
|
General Semiconductor
|
NESG3031M05 NESG3031M05-T1 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
|
NEC Corp. NEC[NEC]
|
NESG2101M05-T1 NESG2101M05 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
|
NEC Corp. NEC[NEC]
|
OP705D OP705A OP705B OP705C |
NPN Pho to tran sistor with Base-Emit ter Resistor
|
OPTEK[OPTEK Technologies]
|
PSB21381-HV1.3 PSB21383-HV1.3 |
SCOUT-S (Siemens Codec with S/T Trans... SCOUT-SX (Siemens Codec with S/T Tran...
|
Infineon
|
2N6576 2N6578 2N6577 |
15 AMPERE NPN DARLINGTON POWER TRAN 15-Ampere NPN Darlington Power Transistors
|
GE Security, Inc. GE[General Semiconductor] List of Unclassifed Manufacturers
|
MIC2211-WSBML MIC2211-1.8_3.3BML MIC2211-JYBML MIC |
Dual UCap LDO in 3mm ??3mm MLF??/span> Dual UCap LDO in 3mm 3mm MLF 双开普LDO稳压器采3mm】3mm的MLF Dual UCap LDO in 3mm 3mm MLF DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 CAP 220PF 50V 5% C0G SMD-0805 BULK SN100 CONNECTOR ACCESSORY 115 VAC, 8 CHANNEL CON IN TRAN DIODE SWITCHING DUAL COMMON-ANODE 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:Yellow RoHS Compliant: Yes Multiconductor Paired UTP Data Cable; Number of Conductors:8; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:White RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:48; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:24 RoHS Compliant: Yes Dual UCap LDO in 3mm × 3mm MLF?/a> Dual UCap LDO in 3mm 3mm MLF Dual UCap LDO in 3mm 】 3mm MLF⑩
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
M93S56-BN3 M93S46-BN3 M93S56-MN3 M93S56-MN3G M93S5 |
Quadruple 2-Input Positive-NAND Gates 14-SSOP -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-TVSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Scan Test Devices With 20-Bit Universal Bus Transceivers 64-LQFP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Scan Test Devices With 18-Bit Universal Bus Transceivers 64-LQFP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Hex Schmitt-Trigger Inverters 14-SO -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-NAND Gates 14-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-AND Gates 14-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 36-Bit Registered Bus Transceivers with 3-State Outputs 100-LQFP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 4-To-1 Multiplexed/Demultiplexed Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Triple 3-Input Positive-AND Gates 14-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Bus Transceivers With 3-State Outputs 20-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Buffers/Drivers With 3-State Outputs 20-PDIP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-NAND Gates 14-PDIP -40 to 85 4Kbit2KbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-AND Gates 14-PDIP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 4-To-1 Multiplexed/Demultiplexed Registered Transceivers With 3-State Outputs 56-SSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 12-Bit To 24-Bit Multiplexed D-Type Latches With 3-State Outputs 56-SSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 16-Bit Buffers/Drivers With 3-State Outputs 48-TSSOP -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-AND Gates 14-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Quadruple 2-Input Positive-NAND Gates 14-SOIC -40 to 85 4KbitKbitKbit 16位宽MICROWIRE串行EEPROM的访问与街区保护 Octal Bus Transceivers With 3-State Outputs 20-SO -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-SOIC -40 to 85 RECTIFIER STANDARD SINGLE 10A 100V 100 600A-ifsm 10uA-ir 1V-vf R6 500/REEL-13 DIODE VOLT SUP TRAN BIPLR DO-201 36-Bit Bus Transceivers With 3-State Outputs 100-LQFP -40 to 85 25-Ohm Octal Bus Transceivers With 3-State Outputs 24-PDIP -40 to 85 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 Triple 3-Input Positive-NAND Gates 14-SOIC -40 to 85 Triple 3-Input Positive-NAND Gates 14-PDIP -40 to 85 Triple 3-Input Positive-NAND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SSOP -40 to 85 Octal Transceivers And Line/Memory Drivers With 3-State Outputs 20-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-PDIP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 Scan Test Devices With 18-Bit Transceivers And Registers 64-LQFP -40 to 85 TVS UNI-DIR 51V 1500W DO-201 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 11-Bit Incident-Wave Switching Bus Transceivers With 3-State and Open-Collector Outputs 48-SSOP -40 to 85 12-Bit to 24-Bit Multiplexed D-Type Latches With Series-Damping Resistors And 3-State Outputs 56-SSOP -40 to 85 RECTIFIER STANDARD SINGLE 10A 600V 600 600A-ifsm 10uA-ir 1V-vf R6 500/REEL-13 TVS UNI-DIR 33V 1500W DO-201 11-Bit Incident-Wave Switching Bus Transceivers With 3-State and Open-Collector Outputs 48-TSSOP -40 to 85
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|